Part Number Hot Search : 
68HC0 8600V UF200 L9620 MSM51 FR253 2SA2151 40FDR08A
Product Description
Full Text Search
 

To Download CO27VH05CE-02-10000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number: CO27VH15DE-02-10.000
HCMOS Output
Applications Base Stations RF Sources Features High Stability Excellent Phase Noise AT-Cut Crystal
FREQUENCY STABILITIES Frequency vs Operating Temp Frequency vs 5 years aging Frequency vs 10 years aging Warm-up Time to within 200ppb
MIN -200 -500 -700
TYP
MAX +200 +500 +700 3.00
UNITS PPB PPB PPB Minutes
CONDITIONS
-20 to +80C (referenced to 25C)
-20 to +80C @ +25C
Supply Voltage / Current Supply Voltage Supply Current
MIN +14
TYP +15
MAX +16 300 110
UNITS VDC mA mA
CONDITIONS
During Warm-up Steady State
HCMOS OUTPUT Signal Level (Voh) Signal Level (Vol) Duty Cycle Load
MIN 4.5
TYP
MAX
UNITS VDC
CONDITIONS
0.5 45 15 55
VDC % pF @ (Voh-Vol)/2
PN:CO27VH15DE-02-10.000
Rev. B
Page 1 of 3
FREQUENCY TUNING Tuning Range Control Range Input Resistance Slope Linearity Setability @ MHz
MIN 1 0 50K
TYP
MAX 1.5
UNITS PPM VDC
CONDITIONS
Over Control Range
5
10
POSITIVE 10 4 5 6 % VDC
OUTPUT CHARACTERISTICS Phase Noise Short Term Stability Spurious
MIN
TYP
MAX
-102 -132 -150 -152
UNITS dBc/Hz Sec
CONDITIONS
@ 10Hz Offset @ 100Hz Offset @ 1KHz Offset @ 10KHz Offset Allen Variance @ 1 Sec Within 100Hz to 3MHz from Carrier
2x10-11 -93
dBc
ABSOLUTE MAXIMUM RATING Supply Voltage Storage Temperature Operable Temperature Load
MIN
TYP
MAX 20
UNITS VDC C C pF
CONDITIONS
-45 -20
+90 +80 50
ENVIRONMENTAL CONDITIONS SHOCK VIBRATION THERMAL SHOCK HUMIDITY IEC 68-2-27 (Test Ea) 30G, 10mSec, Half Sine IEC 68-2-6 (Test Fc) 0.35mm, 10G, 5-500Hz, 6 cycles/axis IEC 68-2-14 (Test Na) 30 min. in each extreme temperature MIL-STD-202 method 106D
PN:CO27VH15DE-02-10.000
Rev. B
Page 2 of 3
1.421 max (36.10 max) 1.000.008 (25.40.2)
3
4 0.7010.008 (17.80.2) 1.071 max (27.2 max)
Pin 1 2 3 4 5
Function Control Voltage No Connect Supply Voltage RF Output Case Ground
2
Bottom View
1 5
O 0.031 (O 0.80) 0.283 min (7.2 min)
Unless otherwise specified, Dimensions are in: IN (mm)
CO 27 V H 15 DE - 02 - 10.000
Temperature Range Output Waveform
H S HCMOS/TLL Compatible Sine Wave 0 dBm
Lower temp. upper temp.
Package Size
27 x 36 mm
0.787 max (20.0 max)
Pin 1 Function
V = Volt. Cont. N = No Conn.
A B C D E F +5V +9V +12V +15V
-55C -40C -30C -20C -10C 0C
A B C D E F
+45C +50C +60C +70C +80C +85C ex:
Stability
Frequency Stability Vs Temperature Range PPB () 02 = 200 PPB
Supply Voltage
05 09 12 15
Example: CO27VH15DE-02-10.000 PN:CO27VH15DE-02-10.000 Rev. B
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CO27VH05CE-02-10000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X